Part Number Hot Search : 
D2249 EM312323 2SA16 STR381 7555CN APF30224 4502C TCLT1001
Product Description
Full Text Search
 

To Download FODK23P90Y00500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22/4/2011 fodk 23 1 liquid level and leakage sensors photoelectric sensors www.baumer.com general data type leakage sensor light source pulsed red led output indicator led orange light indicator led green sensitivity adjustment no wave length 875 nm electrical data response time / release time < 1 ms voltage supply range +vs 12 ... 24 vdc current consumption max. 30 ma voltage drop vd < 1 vdc output function normally closed (nc) output circuit pnp output current < 50 ma short circuit protection yes reverse polarity protection yes mechanical data width / diameter 23 mm height / length 10,5 mm depth 37,2 mm type rectangular material (sensing device) tefon pfa ambient conditions operating temperature -25 ... +50 c protection class ip 67 order reference housing material connection types fodk 23p90y0 tefon pfa / pvc cable 3 pin, 2 m fodk 23p90y0/0500 tefon pfa / pvc cable 3 pin, 5 m fodk 23p90y5 tefon pfa cable 3 pin, 2 m sample picture sample drawing fodk 23p90y0...


▲Up To Search▲   

 
Price & Availability of FODK23P90Y00500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X